Part Number Hot Search : 
F7N60 SRA255 P11N60C P11N60C P11N60C ZT651 LT1802 FARM2C22
Product Description
Full Text Search
 

To Download C6086-32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 X-Ray I.I. CCD Camera
DATA SHEET
C6086-30 Series
The C6086-30 camera series is a newly developed, highly sensitive , X-ray image intensified CCD camera. This camera is specifically design for micro focus X-ray source applications, which typically require greater sensitive than standard X-ray sensitive CCD cameras. By coupling a proximity focused image intensifier with tapered fiber optic plate (FOP) the C6086-30 series realizes excellent sensitivity while maintain high resolution and image quality.
FEATURES
43 m (typical value, not guaranteed) * Effective X-ray tube voltage range 10 to 100kVp * Proximity focused II Low image distortion. * FOP coupled to the CCD High coupling efficiency
* High spatial resolution
* Large effective area
14.3 mm x 10.7 mm (EIA) 14.0 mm x 10.5 mm (CCIR)
* P43 (GdO2S:Tb) scintillator * High sensitivity
SPECIFICATIONS * Spatial resolution of camera head
43m (typical value, not garanteed)
* Camera controller
A/D converter 10-bit 768 (H) x 493 (V)(NTSC) 756 (H) x 581 (V)(CCIR) 16-bit memory x 2 planes SCSI2(optional) Composite 1.0Vp-p/75 Gain/Offset, On-chip integration, Image accumulation, Recursive average, Zoom, Background subtraction, Edge enhancement mask (selectable) AC 100V, 117V, 220V,240V10% 50/60Hz 0 to 40 C Less than 70% Memory size Frame memory Digital interface Input signal Image processing functions
* X-ray scintillator of camera head
Material of scintillator Effective X-ray tube voltage range Effective field of view (mm2) P43 (Gd02S:Tb) 10 to 100kVp 14.3(H) x 10.7 (V) (EIA) 14.0(H) x 10.5 (V) (CCIR)
* Image intensifier of camera head
Structure Proximity foucused
* CCD detector of camera head
Type. No. Imaging device Video system Effective no. of pixels H. frequency V. frequency Scanning type Video output C6086-31 C6086-32 Line voltage Operating temperature Operating humidity Interline-type CCD EIA 768 (H) x 493 (V) 15.734 kHz 59.94 Hz 2:1 interlaced 1.0Vp-p 75 terminated CCIR 756 (H) x 581 (V) 15.625 kHz 50 Hz
* I.I. controller
Functions Line voltage Gain control, Overload protection 100 to 240VAC,50/60 Hz Operating temperature 0 to 40 C Operating humidity
Less than 70%
DIMENSIONAL OUTLINE (unit : mm) * Camera head
1.30.2 1200.5
ANALOG DIGITAL POWER
* Camera controller
X-RAY CCD CAMERA CONTROLLER
C6086
CONTRAST ENHANCEMENT
MEMORY CONTROL
LIVE INTEG RECUR PAUSE
88 88 888
GAIN
OFFSET SET
CCD INTEG ZOOM MASK
BG
NORM
SET UP
REMOTE
700.5
71
2621
741
VIDEO LEVEL OVER
SHADING
3331
380.5
* I.I. controller
I.I. CONTROLLER
(Weight : approx. 4.5kg)
C6086
POWER
PROTECT
HV
SENSITIVITY
86.50.5
6-M4 D-8
71
741
350.3
350.3 250.2
802 1421
232
1852 2331
(Weight : approx. 1.3kg)
250.2
1/4-20UNC D-8
(Weight : approx. 0.8kg)
ISO 9001 Certificate: 09 105 79045
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. . Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications and external appearance are subject to change without notice. .
(c) 2001Hamamatsu Photonics K.K.
Homepage Address http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Systems Division 812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de , France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it Cat. No. SICS1073E02
SEP/2001 HPK Created in Japan (PDF)


▲Up To Search▲   

 
Price & Availability of C6086-32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X